shielded high current power inductor ||||||||||||||| aspi-06p standard specifications: applications: features: 6.8 x 7.3 x 3.0 mm pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 08.24.07 visit www.abracon.com for terms & conditions of sale ? lowest dcr/uh in this package size ? frequency range up to 5.0mhz ? handles high transient current spikes without saturation ? ultra low buzz noise due to composite construction ? notebook/desktop/server applications ? low profile, high current power supplies ? battery powered devices ? dc/dc converter for fpga parameters abracon p/n: aspi-06p-xxx series operating temperature: -55c to + 125c storage temperature: -55c to + 125c ( h) ( . p y t ) a ( ) 5 . 2 3 % 0 2 0 1 . 0 0 . 6 2 % 0 2 5 1 . 0 0 . 4 2 % 0 2 0 2 . 0 0 . 3 2 % 0 2 2 2 . 0 0 . 0 2 % 0 2 3 3 . 0 5 . 7 1 % 0 2 7 4 . 0 5 . 5 1 % 0 2 8 6 . 0 0 . 3 1 % 0 2 2 8 . 0 0 . 1 1 % 0 2 0 0 . 1 0 . 9 % 0 2 0 5 . 1 0 . 8 % 0 2 0 2 . 2 0 . 8 % 0 2 0 5 . 2 0 . 6 % 0 2 0 3 . 3 5 . 5 % 0 2 0 7 . 4 5 . 4 % 0 2 0 8 . 6 0 . 4 % 0 2 0 2 . 8 0 . 3 % 0 2 0 0 . 0 1 a. inductance decrease current: the current at inductance Q 20% drop of initial value. b. temperature rise current: the current as the core temperature rises to 40 max. c. test freq. : 200khz / 0.25v. 5 . 7 ) 0 4 6 0 . 0 ( 0 8 6 0 . 0 m 2 r 8 - p 6 0 - i p s a 0 . 7 ) 0 2 0 1 . 0 ( 0 5 0 1 . 0 m 0 0 1 - p 6 0 - i p s a 0 . 0 1 ) 0 7 3 0 . 0 ( 0 0 4 0 . 0 m 7 r 4 - p 6 0 - i p s a 0 . 8 ) 0 4 5 0 . 0 ( 0 0 6 0 . 0 m 8 r 6 - p 6 0 - i p s a 0 . 3 1 ) 5 8 1 0 . 0 ( 0 2 2 0 . 0 m 5 r 2 - p 6 0 - i p s a 5 . 3 1 ) 0 8 2 0 . 0 ( 0 0 3 0 . 0 m 3 r 3 - p 6 0 - i p s a 0 . 8 1 ) 0 4 1 0 . 0 ( 0 5 1 0 . 0 m 5 r 1 - p 6 0 - i p s a 0 . 4 1 ) 0 8 1 0 . 0 ( 0 0 2 0 . 0 m 2 r 2 - p 6 0 - i p s a 0 . 4 2 ) 7 6 0 0 . 0 ( 0 8 0 0 . 0 m 2 8 r - p 6 0 - i p s a 0 . 2 2 ) 0 9 0 0 . 0 ( 0 0 1 0 . 0 m 0 r 1 - p 6 0 - i p s a 0 . 6 2 ) 0 4 0 0 . 0 ( 2 4 0 0 . 0 m 7 4 r - p 6 0 - i p s a 0 . 5 2 ) 0 5 0 0 . 0 ( 5 5 0 0 . 0 m 8 6 r - p 6 0 - i p s a 0 . 0 4 ) 5 2 0 0 . 0 ( 1 3 0 0 . 0 m 2 2 r - p 6 0 - i p s a 0 . 0 3 ) 5 3 0 0 . 0 ( 9 3 0 0 . 0 m 3 3 r - p 6 0 - i p s a 52.0 0 . 1 4 ) 4 2 0 0 . 0 ( 0 3 0 0 . 0 m 0 2 r - p 6 0 - i p s a inductance decrease current temperature rise current ( ) max (typ.) (a) typ. inductance tolerance dc resistance ) 5 1 0 0 . 0 ( 7 1 0 0 . 0 m 0 1 r - p 6 0 - i p s a 60.0 ) 9 1 0 0 . 0 ( 5 2 0 0 . 0 m 5 1 r - p 6 0 - i p s a part# options and part identification: (left blank if standard) m 20% please refer to the tables above. t tape and reel tolerance g n i g a k c a p e d o c e c n a t c u d n i aspi - 06p - -
shielded high current power inductor ||||||||||||||| aspi-06p 6.8 x 7.3 x 3.0 mm pb rohs compliant abracon is iso 9001 / qs 9000 certified abracon is iso 9001 / qs 9000 certified 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com revised: 08.24.07 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 1,000pcs/reel dimensions: mm dimensions: inches (mm) xxx a (mm) b (mm) k (mm) p (mm) w (mm) 7.6 0.1 7.6 0.1 3.8 0.1 12.0 0.1 16.0 0.3 aspi-06p abracon p/n
|